1n5221 thru 1n52 67 500 mw zener diode 2.4 to 75 volts do-35 features ? wide voltage range available ? glass package ? high temp soldering: 2 6 0 c for 10 seconds at terminals maximum ratings ? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c ? 500 mwatt dc power dissipation ? power derating: 4.0mw/ c above 50 c ? forward voltage @ 200ma: 1.1 volts dimensions inches mm dim min max min max note a --- .166 --- 4.2 b --- .079 --- 2.00 c --- .020 --- .52 d 1.000 --- 25.40 --- figure 2 - derating curve power dissipation (mw) - versus - temperature c temperature c 0 50 100 150 mw 200 400 a b c d d cathode m a rk typical capacitance (pf) C versus C zener voltage (v z ) figure 1 - typical capacitance 0 100 200 1 10 1 00 pf v z at zero volts at C2 volts v r omp onents 20736 marilla street chatsworth !"# $ % !"# m c c revision: a 2011/01/01 tm micro commercial components ? marking : cathode band and type number www. mccsemi .com 1 of 5 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) ? moisture sensitivity: level 1 note: 1. lead in glass exemption applied, see eu directive annex 5.
electrical characteristics @25 c mcc part number nominal zener voltage v z @ i zt test current i zt maximum zener impedance `b' suffix only z zt @ i zt z zk @i zk = 0.25ma maximum reverse leakage current i r @ v r max. zener voltage temp coefficient `b' suffix only volts ma ohms ohms m a volts % / c 1n5221 2.4 20 30 1200 100 1.0 -0.085 1n5222 2.5 20 30 1250 100 1.0 -0.085 1n5223 2.7 20 30 1300 75 1.0 -0.080 1n5224 2.8 20 30 1400 75 1.0 -0.080 1n5225 3.0 20 29 1600 50 1.0 -0.075 1n5226 3.3 20 28 1600 25 1.0 -0.070 1n5227 3.6 20 24 1700 15 1.0 -0.065 1n5228 3.9 20 23 1900 10 1.0 -0.060 1n5229 4.3 20 22 2000 5.0 1.0 0.055 1n5230 4.7 20 19 1900 5.0 2.0 0.030 1n5231 5.1 20 17 1600 5.0 2.0 0.030 1n5232 5.6 20 11 1600 5.0 3.0 +0.038 1n5233 6.0 20 7.0 1600 5.0 3.5 +0.038 1n5234 6.2 20 7.0 1000 5.0 4.0 +0.045 1n5235 6.8 20 5.0 750 3.0 5.0 +0.050 1n5236 7.5 20 6.0 500 3.0 6.0 +0.058 1n5237 8.2 20 8.0 500 3.0 6.5 +0.062 1n5238 8.7 20 8.0 600 3.0 6.5 +0.065 1n5239 9.1 20 10 600 3.0 7.0 +0.068 1n5240 10 20 17 600 3.0 8.0 +0.075 1n5241 11 20 22 600 2.0 8.4 +0.076 1n5242 12 20 30 600 1.0 9.1 +0.077 1n5243 13 9.5 13 600 0.5 9.9 +0.079 1n5244 14 9.0 15 600 0.1 10 +0.082 1n5245 15 8.5 16 600 0.1 11 +0.082 1n5246 16 7.8 17 600 0.1 12 +0.083 1n5247 17 7.4 19 600 0.1 13 +0.084 1n5248 18 7.0 21 600 0.1 14 +0.085 1n5249 19 6.6 23 600 0.1 14 +0.086 1n5250 20 6.2 25 600 0.1 15 +0.086 1n5251 22 5.6 29 600 0.1 17 +0.087 1n5252 24 5.2 33 600 0.1 18 +0.088 1n5253 25 5.0 35 600 0.1 19 +0.089 1n5254 27 4.6 41 600 0.1 21 +0.090 1n5255 28 4.5 44 600 0.1 21 +0.091 1n5256 30 4.2 49 600 0.1 23 +0.091 1n5257 33 3.8 58 700 0.1 25 +0.092 1n5258 36 3.4 70 700 0.1 27 +0.093 1n5259 39 3.2 80 800 0.1 30 +0.094 1n5260 43 3.0 93 900 0.1 33 +0.095 1n5261 47 2.7 105 1000 0.1 36 +0.095 1n5262 51 2.5 125 1100 0.1 39 +0.096 1n5263 56 2.2 150 1300 0.1 43 +0.096 1n5264 60 2.1 170 1400 0.1 46 +0.097 1n5265 62 2.0 185 1400 0.1 47 +0.097 1n5266 68 1.8 230 1600 0.1 52 +0.097 1n5267 75 1.7 270 1700 0.1 56 +0.098 note 1: table as shown lists type numbers, which ind icate a tolerance of !20% with guaranteed limits on only vz, i r , and v f . devices with guaranteed limits on all six parameters are indicat ed by suffix aao for !10%, abo for !5%, aco for !2% tolerance note 2: the electrical characteristics are measured after allowing the device to stabilize for 20 secon ds. note 3: temperature coefficient (" vz ). test conditions for temperature coefficient are as follows: a. i zt = 7.5ma, t i = 25 o c t 2 = 125 o c ( 1n 5221 thru 1n 5242) b. i zt = rated i zt , t i = 25 o c, t 2 = 125 o c ( 1n 5243 thru 1n 52 67 ) device to be temperature stabilized with current ap plied prior to reading breakdown voltage at the spe cified ambient temperature. 1n5221 thru 1n5267 revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 2 of 5 m c c
! " # $ #% n %& c'&&%() * +, - # $ #%(%& -./),0% * v 1234re ! #ener -o5ta3e 6ers4s #ener c4rrent 7 - 8 9! thr4 !: -o5ts ! ; : < = > ? !@ @a@! ! !@ +, -./)s b@ @a! !! !b b d !d !; !> !: ) , 9b> : " # $ #%e%& c'&&%() * +, - # $ #%(%& -./),0% * v 1234re b #ener -o5ta3e 6ers4s #ener c4rrent 7 - 8 9!> thr4 d@ -o5ts !> != b@ b! bb !? bd b; @a@! ! !@ +, -./)s b@ @a! b> b: !: !< b< b= b? d@ ) , 9b> : m c c revision: a 2011/01/01 1n 1n5221 thru 1n5267 tm micro commercial components www. mccsemi .com 3 of 5
d@ " # $ #% n %& c'&&%() * +, - # $ #%(%& -./),0% * v 1234re d #ener -o5ta3e 6ers4s #ener c4rrent 7 - 8 9d@ thr4 <> -o5ts ;> >> :@ :> >@ <@ <> @a@! ! !@ +, -./)s b@ @a! =@ => d> ;@ ?@ ?> !@@ !@> ),9b> : / 9! @a@> 1234re; )her+a5 res2stanfe gro+ h 4nft2on to a+i2ent as a g4nft2on og j 45se k4rat2on !@ ; & th h*a lmnop t j l+sp !@ > !@ d !@ b !@ ! !@ b !@ * ! ! !@ !@ d @add @a!@ @a>@ @a<> @ab@ @a@b @a@! @a@@! m c c revision: a 2011/01/01 1n5221 thru 1n5267 micro commercial components www. mccsemi .com 4 of 5 tm
m c c revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 5 of 5 3 device packing part number-tp tape&reel: 10 k p c s / r e e l part number-ap ammo packing: 5kpcs/ammo box part number-bp bulk: 100 k p c s / c a r t o n ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.
|